Part Number Hot Search : 
C1006 BC846 H9NA80 25J75 A4810 4VHC3 27C256 50AC100A
Product Description
Full Text Search
 

To Download USF81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
USF81 THRU USF84
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 200 Volts CURRENT 8.0 Amperes
FEATURES
* * * * * * * High reliability Low leakage Low forward voltage High current capability Super fast switching speed High surge capability Good for switching mode circuit
.413 (10.5) .374 (9.5) .153 (3.9) .146 (3.7) .270 (6.9) .230 (5.8) .610 (15.5) .583 (14.8) .04MAX. (1.0) .157 (4.0) .187 (4.7) .148 (3.8) .053 (1.3) .047 (1.2)
TO-220A
MECHANICAL DATA
* * * * * Case: TO-220 Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.24 grams
.108 (2.75)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.051 (1.3) .035 (0.9) .028 (0.7) .102 (2.6) .091 (2.3)
.583 (14.8) .531 (13.5)
.022 (0.56) .014 (0.36) .126 (3.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Volts Maximum DC Blocking Voltage Maximum Average Forward Current at TC = 100 o C Peak Forward Surge Current IFM (surge):8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG USF81 50 35 50 USF82 100 70 100 8.0 150 45 -55 to + 150 USF83 150 105 150 USF84 200 140 200 UNITS Volts Volts Volts Amps Amps pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage at 8.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF=0.5A, IR=-1.0A, IRR=-0.25A. 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts. @TA = 25 o C @TA =100 o C SYMBOL VF IR trr USF81 USF82 0.95 10 500 20 nSec 2002-7 USF83 USF84 UNITS Volts uAmps
RATING AND CHARACTERISTIC CURVES ( USF81 THRU USF84 )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE
trr +0.5A
(-) PULSE
GENERATOR
AVERAGE FORWARD CURENT, (A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
14 12 10 8 6 4 2 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE ( )
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (-)
D.U.T
0 -0.25A
(NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+)
-1.0A
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms.
1cm
SET TIME BASE FOR 10 ns/cm
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, (uA) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 100
100
TJ = 150
10
TJ = 100
10
1.0
1
TJ = 25
.1
TJ = 25
Pulse Width = 300uS 1% Duty Cycle
.1
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
.01 0 .2 .4 .6 .8 1.0 1.2 1.4
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
175 150 125 100 75 50 25 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDEC Method)
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100
TJ = 25
REVERSE VOLTAGE, ( V )
RECTRON


▲Up To Search▲   

 
Price & Availability of USF81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X